PART |
Description |
Maker |
BC328-16/E6 BC328/E6 BC328-40/E6 BC327/E6 BC327-40 |
IC MAX 7000 CPLD 64 100-TQFP MAX II CPLD 570 LE 256-FBGA MAX II CPLD 570 LE 100-TQFP MAX 7000 CPLD 192 MC 160-PQFP MAX 7000 CPLD 32 MC 44-TQFP MAX 3000A CPLD 32 MC 44-TQFP MAX 7000 CPLD 256 MC 100-FBGA 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 800mA的一(c)|26AA 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
Mitsubishi Electric, Corp. VISHAY SEMICONDUCTORS
|
PMBT5550 PMBT5550_3 PMBT5550215 |
NPN high-voltage transistor - Complement: PMBT5401 ; fT min: 100 MHz; hFE max: 250 ; hFE min: 60 ; I<sub>C</sub> max: 300 mA; Polarity: NPN ; Ptot max: 250 mW; VCEO max: 140 V; Package: SOT23 (TO-236AB); Container: Tape reel smd From old datasheet system
|
NXP SEMICONDUCTORS PHILIPS[Philips Semiconductors]
|
BCP69 BCP69-16 BCP69-16_DG BCP69-16_IN BCP69-25 BC |
PNP medium power transistor; 20 V, 1 A - Complement: BCP68 ; fT min: 40 MHz; hFE max: 375 ; hFE min: 85 ; I<sub>C</sub> max: 1000 mA; Polarity: PNP ; Ptot max: 1350 mW; VCEO max: 20 V; Package: SOT223 (SC-73); Container: Tape reel smd 20 V, 1 A PNP medium power transistor
|
NXP Semiconductors
|
FDS4080N7 |
RELAY, 4PCO, 12VDC; Configuration, contact:4PCO; Voltage, contact DC max:30V; Voltage, coil DC nom:12V; Current, contact AC max:5A; Current, contact DC max:5A; Voltage, contact AC max:250V; Resistance, coil:160R; Material, RoHS Compliant: Yes 40V N-Channel FLMP PowerTrench MOSFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
CMPZ4615 CMPZ4616 CMPZ4614 CMPZ4617 CMPZ4618 |
350mW LOW NOISE ZENER DIODE 5% TOLERANCE VARISTOR, 1206 18VDC 0.4JVARISTOR, 1206 18VDC 0.4J; Voltage, varistor at 1mA:25.5V; Voltage, clamping max:42V; Voltage, clamping 8/20us max:40V; Energy, transient 10/1000us max:0.4J; Current, peak 8/20us max:150A; Voltage rating,
|
Central Semiconductor Corp.
|
OP-27EIH OP-27EIJ8 OP-27EIN8 OP-27GIH OP-27GIN8 OP |
OP-AMP, 3000 uV OFFSET-MAX, MBCY8 METAL CAN, TO-5, 8 PIN OP-AMP, 80 uV OFFSET-MAX, CDIP8 HERMETIC SEALED, CERDIP-8 OP-AMP, PDIP8 PLASTIC, DIP-8 OP-AMP, MBCY8 METAL CAN, TO-5, 8 PIN OP-AMP, CDIP8 HERMETIC SEALED, CERDIP-8 OP-AMP, 80 uV OFFSET-MAX, PDIP8 PLASTIC, DIP-8 OP-AMP, 180 uV OFFSET-MAX, MBCY8 METAL CAN, TO-5, 8 PIN OP-AMP, 750 uV OFFSET-MAX, PDIP8 PLASTIC, DIP-8 OP-AMP, 250 uV OFFSET-MAX, PDIP8 PLASTIC, DIP-8 OP-AMP, 500 uV OFFSET-MAX, PDIP8 PLASTIC, DIP-8 OP-AMP, 60 uV OFFSET-MAX, MBCY DUAL OP-AMP, 150 uV OFFSET-MAX, PDIP DUAL OP-AMP, 100 uV OFFSET-MAX, PDSO DUAL OP-AMP, 1500 uV OFFSET-MAX, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
RQD-1.805 RQS RQS-93.3 RQD-1.809 RQD-1.81.8 RQD-1. |
0.25 Watt SMD Single & Dual Output N-Channel Small Signal MOSFETs (20V
800V); Package: PG-SOT23-3; Package: SOT-23; VDS (max): 55.0 V; RDS (on) (max) (@10V): 650.0 mOhm; RDS (on) (max) (@4.5V): 825.0 mOhm; RDS (on) (max) (@2.5V): -; 0.25 Watt SMD Single & Dual Output 0.25瓦特贴片 CAP Tantalum-Wet Miniature 6V 22.0 uF /-20% Silver can Axial , TPC - Hilton 0.25瓦特贴片
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
T308N2000TOF |
2.0kV V[drm] Max., 308A I[T] Max. Silicon Controlled Rectifier
|
Telefunken Electronic
|
EPM9320ARI208-10 |
MAX 9000 Programmable Logic Device (PLD) Family; 11/4/2008; MAX II CPLDs
|
Altera Corporation
|
MP120D2 MP240D2 MPDCD3-B |
; Output Device:Transistor; Output Voltage Max:60VDC; Output Voltage Min:3VDC; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:3A; Switching:Zero Cross; Leaded Process Compatible:Yes; Output Current Max:3A
|
Crydom Inc. CRYDOM CORP
|
DEM10050C |
10.3 x 10.3mm Max. square, 5.0mm Max. height.
|
TOKO, Inc
|
|